Part Number Hot Search : 
TP3D226 5LP110 1N4738A MC56F8 80H15T3G 40AV700E CY7C6 11200
Product Description
Full Text Search
 

To Download 2SC4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4110 description with to-3pn package fast switching speed wide area of safe operation high voltage,high reliability applications for switching regulator applications pinning(see fig.2) pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(t c =25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 25 a i cp collector current-peak 40 a i b base current 8 a t c =25 160 p c collector power dissipation t a =25 2.5 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4110 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;r be = < 400 v v (br)cbo collector-base breakdown voltage i c =1ma; i e =0 500 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 7 v v ce (sat) collector-emitter saturation voltage i c =16a; i b =3.2a 0.8 v v be (sat) base-emitter saturation voltage i c =16a; i b =3.2a 1.5 v i cbo collector cut-off current v cb =400v; i e =0 10 a i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =3.2a ; v ce =5v 15 50 h fe-2 dc current gain i c =16a ; v ce =5v 10 h fe-3 dc current gain i c =10ma ; v ce =5v 10 f t transition frequency i c =3.2a ; v ce =10v 20 mhz c ob output capacitance i e =0; v cb =10v,f=1mhz 300 pf switching times t on turn-on time 0.5 s t s storage time 2.5 s t f fall time i c =20a; i b1 =4a;i b2 =-8a r l =10 c ;v cc =200v 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4110 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SC4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X